Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download P6KE12CAS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p6ke6.8cs series bidirectional transient voltage suppressor v br : 6.8 - 440 volts p pk : 600 watts features : * 600w surge capability at 1ms * excellent clamping capability * low zener impedance * fast response time : typically less then 1.0 ps from 0 volt to v br(min.) * typical i r less then 1 m a above 10v mechanical data * case : d2 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed method 208 guaranteed * mounting position : any * weight : 0.465 gram devices for unipolar applications for uni-directional without "c" electrical characteristics apply in both directions maximum ratings rating at 25 c ambient temperature unless otherwise specified. rating symbol value unit peak power dissipation at ta = 25 c, tp=1ms (note1) p pk minimum 600 w steady state power dissipation at t l = 75 c lead lengths 0.375", (9.5mm) (note 2) operating and storage temperature range t j , t stg - 65 to + 175 c note : (1) non-repetitive current pulse, per fig. 5 and derated above ta = 25 c per fig. 1 (2) mounted on copper leaf area of 1.57 in 2 (40mm 2 ). page 1 of 4 rev. 04 : march 25, 2005 p d 5.0 w 0.034 (0.86) 0.028 (0.71) d2 0.161 (4.10) 0.154 (3.90) dimensions in inches and ( millimeters ) 0.284 (7.20) 0.268 (6.84) 1.00 (25.4) min. 1.00 (25.4) min. * pb / rohs free
electrical characteristics rating at 25 c ambient temperature unless otherwise specified breakdown voltage @ it working peak maximum maximum maximum maximum ( note 1 ) reverse reverse leakage reverse clamping temperature type voltage @ v rwm current voltage @ i rsm co-efficient v br (v) it v rwm i r i rsm v rsm of v br min. max. (ma) (v) ( m a) (a) (v) (% / c) p6ke6.8cs 6.12 7.48 10 5.50 2000 55.5 10.8 0.057 p6ke6.8cas 6.45 7.14 10 5.80 2000 57.0 10.5 0.057 p6ke7.5cs 6.75 8.25 10 6.05 1000 51.0 11.7 0.061 p6ke7.5cas 7.13 7.88 10 6.40 1000 53.0 11.3 0.061 p6ke8.2cs 7.38 9.02 10 6.63 400 48.0 12.5 0.065 p6ke8.2cas 7.79 8.61 10 7.02 400 50.0 12.1 0.065 p6ke9.1cs 8.19 10.0 1.0 7.37 300 44.0 13.8 0.068 p6ke9.1cas 8.65 9.55 1.0 7.78 300 45.0 13.4 0.068 p6ke10cs 9.00 11.0 1.0 8.10 150 40.0 15.0 0.073 p6ke10cas 9.50 10.5 1.0 8.55 150 41.0 14.5 0.073 p6ke11cs 9.90 12.1 1.0 8.92 150 37.0 16.2 0.075 p6ke11cas 10.5 11.6 1.0 9.40 150 38.0 15.6 0.075 p6ke12cs 10.8 13.2 1.0 9.72 5.0 35.0 17.3 0.078 P6KE12CAS 11.4 12.6 1.0 10.2 5.0 36.0 16.7 0.078 p6ke13cs 11.7 14.3 1.0 10.5 5.0 32.0 19.0 0.081 p6ke13cas 12.4 13.7 1.0 11.1 5.0 33.0 18.2 0.081 p6ke15cs 13.5 16.5 1.0 12.1 5.0 27.0 22.0 0.084 p6ke15cas 14.3 15.8 1.0 12.8 5.0 28.0 21.2 0.084 p6ke16cs 14.4 17.6 1.0 12.9 5.0 26.0 23.5 0.086 p6ke16cas 15.2 16.8 1.0 13.6 5.0 27.0 22.5 0.086 p6ke18cs 16.2 19.8 1.0 14.5 5.0 23.0 26.5 0.088 p6ke18cas 17.1 18.9 1.0 15.3 5.0 24.0 25.2 0.088 p6ke20cs 18.0 22.0 1.0 16.2 5.0 21.0 29.1 0.090 p6ke20cas 19.0 21.0 1.0 17.1 5.0 22.0 27.7 0.090 p6ke22cs 19.8 24.2 1.0 17.8 5.0 19.0 31.9 0.092 p6ke22cas 20.9 23.1 1.0 18.8 5.0 20.0 30.6 0.092 p6ke24cs 21.6 26.4 1.0 19.4 5.0 17.0 34.7 0.094 p6ke24cas 22.8 25.2 1.0 20.5 5.0 18.0 33.2 0.094 p6ke27cs 24.3 29.7 1.0 21.8 5.0 15.0 39.1 0.096 p6ke27cas 25.7 28.4 1.0 23.1 5.0 16.0 37.5 0.096 p6ke30cs 27.0 33.0 1.0 24.3 5.0 14.0 43.5 0.097 p6ke30cas 28.5 31.5 1.0 25.6 5.0 14.4 41.4 0.097 p6ke33cs 29.7 36.3 1.0 26.8 5.0 12.6 47.7 0.098 p6ke33cas 31.4 34.7 1.0 28.2 5.0 13.2 45.7 0.098 p6ke36cs 32.4 39.6 1.0 29.1 5.0 11.6 52.0 0.099 p6ke36cas 34.2 37.8 1.0 30.8 5.0 12.0 49.9 0.099 p6ke39cs 35.1 42.9 1.0 31.6 5.0 10.6 56.4 0.100 p6ke39cas 37.1 41.0 1.0 33.3 5.0 11.2 53.9 0.100 p6ke43cs 38.7 47.3 1.0 34.8 5.0 9.6 61.9 0.101 p6ke43cas 40.9 45.2 1.0 36.8 5.0 10.1 59.3 0.101 p6ke47cs 42.3 51.7 1.0 38.1 5.0 8.9 67.8 0.101 p6ke47cas 44.7 49.4 1.0 40.2 5.0 9.3 64.8 0.101 p6ke51cs 45.9 56.1 1.0 41.3 5.0 8.2 73.5 0.102 p6ke51cas 48.5 53.6 1.0 43.6 5.0 8.6 70.1 0.102 p6ke56cs 50.4 61.6 1.0 45.4 5.0 7.4 80.5 0.103 p6ke56cas 53.2 58.8 1.0 47.8 5.0 7.8 77.0 0.103 page 2 of 4 rev. 04 : march 25, 2005
electrical characteristics rating at 25 c ambient temperature unless otherwise specified breakdown voltage @ it working peak maximum maximum maximum maximum ( note 1 ) reverse reverse leakage reverse clamping temperature type voltage @ v rwm current voltage @ i rsm co-efficient v br (v) it v rwm i r i rsm v rsm of v br min. max. (ma) (v) ( m a) (a) (v) (% / c) p6ke62cs 55.8 68.2 1.0 50.2 5.0 6.8 89.0 0.104 p6ke62cas 58.9 65.1 1.0 53.0 5.0 7.1 85.0 0.104 p6ke68cs 61.2 74.8 1.0 55.1 5.0 6.1 98.0 0.104 p6ke68cas 64.6 71.4 1.0 58.1 5.0 6.5 92.0 0.104 p6ke75cs 67.5 82.5 1.0 60.7 5.0 5.5 108 0.105 p6ke75cas 71.3 78.8 1.0 64.1 5.0 5.8 103 0.105 p6ke82cs 73.8 90.2 1.0 66.4 5.0 5.1 118 0.105 p6ke82cas 77.9 86.1 1.0 70.1 5.0 5.3 113 0.105 p6ke91cs 81.9 100 1.0 73.7 5.0 4.5 131 0.106 p6ke91cas 86.5 95.5 1.0 77.8 5.0 4.8 125 0.106 p6ke100cs 90.0 110 1.0 81.0 5.0 4.2 144 0.106 p6ke100cas 95.0 105 1.0 85.5 5.0 4.4 137 0.106 p6ke110cs 99.0 121 1.0 89.2 5.0 3.8 158 0.107 p6ke110cas 105 116 1.0 94.0 5.0 4.0 152 0.107 p6ke120cs 108 132 1.0 97.2 5.0 3.5 173 0.107 p6ke120cas 114 126 1.0 102 5.0 3.6 165 0.107 p6ke130cs 117 143 1.0 106 5.0 3.2 187 0.107 p6ke130cas 124 137 1.0 111 5.0 3.3 179 0.107 p6ke150cs 135 165 1.0 121 5.0 2.8 215 0.108 p6ke150cas 143 158 1.0 128 5.0 2.9 207 0.108 p6ke160cs 144 176 1.0 130 5.0 2.6 230 0.108 p6ke160cas 152 168 1.0 136 5.0 2.7 219 0.108 p6ke170cs 153 187 1.0 138 5.0 2.5 244 0.108 p6ke170cas 162 179 1.0 145 5.0 2.6 234 0.108 p6ke180cs 162 198 1.0 146 5.0 2.3 258 0.108 p6ke180cas 171 189 1.0 154 5.0 2.4 246 0.108 p6ke200cs 180 220 1.0 162 5.0 2.1 287 0.108 p6ke200cas 190 210 1.0 171 5.0 2.2 274 0.108 p6ke220cs 198 242 1.0 175 5.0 1.75 344 0.108 p6ke220cas 209 231 1.0 185 5.0 1.83 328 0.108 p6ke250cs 225 275 1.0 202 5.0 1.67 360 0.110 p6ke250cas 237 263 1.0 214 5.0 1.75 344 0.110 p6ke300cs 270 330 1.0 243 5.0 1.40 430 0.110 p6ke300cas 285 315 1.0 256 5.0 1.45 414 0.110 p6ke350cs 315 385 1.0 284 5.0 1.20 504 0.110 p6ke350cas 332 368 1.0 300 5.0 1.25 482 0.110 p6ke400cs 360 440 1.0 324 5.0 1.05 574 0.110 p6ke400cas 380 420 1.0 342 5.0 1.10 548 0.110 p6ke440cs 396 484 1.0 356 5.0 0.95 631 0.110 p6ke440cas 418 462 1.0 376 5.0 1.00 602 0.110 note: ( 1 ) v br measured after it applied for 300 m s., it = square wave pulse or equivalent. ( 2 ) v f = 3.5 vmax., i f = 50 amps. ( 6.8 volts thru 91 volts ) v f = 5.0 vmax., i f = 50 amps. ( 100 volts thru 440 volts ) per 1/2 square or equivalent sine wave. pw = 8.3 ms, duty cycle = 4 pulses per minute maximum. page 3 of 4 rev. 04 : march 25, 2005
rating and characteristic curves ( p6ke6.8cs series ) fig.1 - pulse derating curve fig.2 - pulse waveform 0 25 50 75 100 125 150 175 ta, ambient temperature, ( c) fig.3 - steady state power derating fig.4 - pulse rating curve page 4 of 4 rev. 04 : march 25, 2005 80 60 40 20 120 5.00 100 10 0 1.25 3.75 0 0.1 2.50 1.0 tp, pulse width peak pulse derating in % of peak power or current pp,peak power (kw) 100 100 125 175 0 25 50 75 150 0.1 m s 1.0 m s 10 m s 100 m s 10ms 1.0ms 200 t l , lead temperature ( c) p d , steady state power dissipation (watts) tp 50 100 0 tr = 10 m s peak value i rsm half value - i rsm t, time(ms) peak pulse current - % i rms 1.0 2.0 3.0 4.0 0 2 t j =25 c pulse width (tp) is defined as that point where the peak current decays to 50% of i rsm 10x1000 waveform as defined by r.e.a. single phase half wave 60 hz resistive or inductive load


▲Up To Search▲   

 
Price & Availability of P6KE12CAS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X